Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 68Page - NXP Semiconductors FS4500 Datasheet HTML 69Page - NXP Semiconductors FS4500 Datasheet HTML 70Page - NXP Semiconductors FS4500 Datasheet HTML 71Page - NXP Semiconductors FS4500 Datasheet HTML 72Page - NXP Semiconductors FS4500 Datasheet HTML 73Page - NXP Semiconductors FS4500 Datasheet HTML 74Page - NXP Semiconductors FS4500 Datasheet HTML 75Page - NXP Semiconductors FS4500 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.8.4 Timer operation
The timer is configured and operates with the LONG_DURATION_TIMER register. The 16-bit after-run value
and the 24-bit wake-up value are configured and read in the corresponding registers.
Figure 56 describes the independent state machine of long duration timer (LDT). After a POR of the device, the
LDT is in idle mode waiting for configuration. The after-run timer function starts when the LDT_ENABLE bit is
set by SPI. The wake-up timer function starts when the device enters in LPOFF mode.
• When function 1 is selected and the counter reaches the after run value (EOT), an interrupt is generated and
the counter is stopped. The counter must be disabled (~ENABLE) before reading its value and enabled again.
• When function 2 is selected and the counter reaches the after run value (EOT), the device goes to LPOFF
mode and the counter is stopped. The counter must be disabled (~ENABLE) before reading its value and
enabled again.
• When function 3 is selected and the counter reaches the after run value (EOT), the device goes to LPOFF
mode. The counter is reset and restart to count. When the counter reaches the wake-up value (EOT), the
device wakes up and the counter is stopped. The counter must be disabled (~ENABLE) before reading its
value and enabled again.
• When function 4 is selected and the counter reaches the wake-up value (EOT), the device wakes up and the
counter is stopped. The counter must be disabled (~ENABLE) before reading its value and enabled again.
• When function 5 is selected and the counter overflows (OVRFLW), the device wakes up and the counter is
stopped. The counter must be disabled (~ENABLE) before reading its value and enabled again. Overflow
means counter max value is reached (all 24 bits at logic 1).
• When function 5 is selected and the devices wakes up by CAN, LIN, or IO, the counter is running. The counter
must be disabled (~ENABLE) before reading its value and enabled again.
aaa-037785
AFTER RUN
count
IDLE
STOP
WAKE UP
count
F3 & EOT
* F3 & EOT -> LPOFF
~ ENABLE
ENABLE &
(F1|F2|F3)
(F1|F2) & EOT
* F1 & EOT -> INTB
* F2 & EOT -> LPOFF
EOT: End Of Timer
OVRFLW: Timer Overflow
FX: Function X selected
WU: Wake up
~ ENABLE
~ ENABLE
POR
ENABLE &
LPOFF & (F4|F5)
* F5 & WU
by CAN, LIN, IO
((F3|F4) & EOT) | (F5 & OVRFLW)
* (F3|F4) & EOT -> WU
* F5 & OVRFLW -> WU
Figure 56. Long duration timer state machine
12.9 CAN transceiver
The CAN (controller area network) transceiver provides the physical interface between the CAN protocol
controller of an MCU and the physical dual wires CAN-bus. The FS6500/FS4500 integrated CAN interface is
compliant with flexible data standard at 2.0 Mbit/s. It offers excellent EMC and ESD performance, and meets the
ISO 11898-2(12) and ISO 11898-5(13) standards.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
72 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com