Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 21Page - NXP Semiconductors FS4500 Datasheet HTML 22Page - NXP Semiconductors FS4500 Datasheet HTML 23Page - NXP Semiconductors FS4500 Datasheet HTML 24Page - NXP Semiconductors FS4500 Datasheet HTML 25Page - NXP Semiconductors FS4500 Datasheet HTML 26Page - NXP Semiconductors FS4500 Datasheet HTML 27Page - NXP Semiconductors FS4500 Datasheet HTML 28Page - NXP Semiconductors FS4500 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
tCORE_UV_R
VCORE FB undervoltage reaction time
—
—
15
µs
tCORE_OV
VCORE FB overvoltage filtering time
128
—
234
µs
tCORE_OV_R
VCORE FB overvoltage reaction time
—
—
314
µs
tCCA_UV
VCCA undervoltage filtering time
4.0
—
10
µs
tCCA_UV_R
VCCA undervoltage reaction time
—
—
15
µs
tCCA_OV
VCCA overvoltage filtering time
128
—
234
µs
tCCA_OV_R
VCCA overvoltage reaction time
—
—
314
µs
tAUX_UV
VAUX undervoltage filtering time
4.0
—
10
µs
tAUX_UV_R
VAUX undervoltage reaction time
—
—
15
µs
tAUX_OV
VAUX overvoltage filtering time
128
—
234
µs
tAUX_OV_R
VAUX overvoltage reaction time
—
—
314
µs
Digital input – multi-purpose IOs
FIO_IN
Digital input frequency range
0.0
—
100
kHz
Analog multiplexer
tMUX_READY
SPI selection to data ready to be sampled on Mux_out
• VDDIO = 5.0 V, CMUX_OUT = 1.0 nF
 
—
 
—
 
10
 
µs
Interrupt
tINTB_LG
INTB pulse duration (long)
90
100
—
µs
tINTB_ST
INTB pulse duration (short)
20
25
—
µs
Long duration timer
CLKLDT
Long duration timer oscillator
31129
32768
34407
Hz
CLKLDT_%
Long duration timer oscillator accuracy
• from –40 °C to 125 °C
• from –20 °C to 85 °C and calibration
 
–5.0
–2.0
 
—
—
 
5.0
2.0
 
%
CAN dynamic characteristics (FD 2.0 Mbit/s)
tDOUT
TXD dominant state timeout
0.8
—
5.0
ms
tDOM
Bus dominant clamping detection
0.8
—
5.0
ms
tLOOP
Propagation loop delay TXD to RXD
• RLOAD = 120 Ω, C between CANH and CANL = 100 pF, C at
RXD < 15 pF
 
—
 
—
 
255
 
ns
t1PWU
First pulse wake-up time
0.5
—
3.5
µs
t3PWU
Second and third pulse wake-up time
0.5
—
1.0
µs
t3PTO1
Multiple pulse wake-up timeout (short)
100
120
—
µs
t3PTO2
Multiple pulse wake-up timeout (long)
2400
2800
—
µs
tCAN_READY
Delay to enable CAN by SPI command (NCS rising edge) to
CAN to transmit (device in normal mode and CAN interface in
TX/RX mode)
—
—
100
µs
[3]
tBIT(BUS)
Transmitted recessive bit width at 2.0 Mbit/s
435
—
530
ns
tBIT(RXD)
Received recessive bit width at 2.0 Mbit/s
400
—
550
ns
tREC
Receiver timing symmetry at 2.0 Mbit/s
–65
—
40
ns
Table 6. Dynamic electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
25 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com