Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 75Page - NXP Semiconductors FS4500 Datasheet HTML 76Page - NXP Semiconductors FS4500 Datasheet HTML 77Page - NXP Semiconductors FS4500 Datasheet HTML 78Page - NXP Semiconductors FS4500 Datasheet HTML 79Page - NXP Semiconductors FS4500 Datasheet HTML 80Page - NXP Semiconductors FS4500 Datasheet HTML 81Page - NXP Semiconductors FS4500 Datasheet HTML 82Page - NXP Semiconductors FS4500 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
is guaranteed. The baud rate selection is done by the SPI setting during the INIT phase of the main logic.
Depending on the baud rate setting, the corresponding LIN slope control is automatically selected.
aaa-037794
output of receiving Node 1
output of receiving Node 2
tBUS_DOM(MAX)
tBUS_DOM(MIN)
tBUS_REC(MAX)
tBUS_REC(MIN)
TBIT
TBIT
TXD
RXD
RXD
LIN
THREC(MAX)
tREC_PDF(1)
tREC_PDR(1)
tREC_PDR(2)
tREC_PDF(2)
VLIN_REC
THDOM(MAX)
THREC(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
THDOM(MIN)
74.4 % VSUP
58.1 % VSUP
42.2 % VSUP
28.4 % VSUP
Figure 65. LIN timings for normal baud rate (20 kB/s)
 
aaa-037795
output of receiving Node 1
output of receiving Node 2
tBUS_DOM(MAX)
tBUS_DOM(MIN)
tBUS_REC(MAX)
tBUS_REC(MIN)
TBIT
TBIT
TXD
RXD
RXD
LIN
THREC(MAX)
tREC_PDF(1)
tREC_PDR(1)
tREC_PDR(2)
tREC_PDF(2)
VLIN_REC
THDOM(MAX)
THREC(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
THDOM(MIN)
77.8 % VSUP
61.6 % VSUP
38.9 % VSUP
25.1 % VSUP
Figure 66. LIN timings for slow baud rate (10 kB/s)
 
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
79 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com