Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 24Page - NXP Semiconductors FS4500 Datasheet HTML 25Page - NXP Semiconductors FS4500 Datasheet HTML 26Page - NXP Semiconductors FS4500 Datasheet HTML 27Page - NXP Semiconductors FS4500 Datasheet HTML 28Page - NXP Semiconductors FS4500 Datasheet HTML 29Page - NXP Semiconductors FS4500 Datasheet HTML 30Page - NXP Semiconductors FS4500 Datasheet HTML 31Page - NXP Semiconductors FS4500 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
11.5 VCORE output (from 1.0 V to 5.0 V range)
The VCORE block of the FS6500 series is an SMPS regulator. The voltage regulator is a step down DC–
DC converter operating in voltage control mode. The stability of the converter is done externally, by using the
COMP_CORE pin. The VCORE block of the FS4500 series is a linear regulator. In this case, BOOT_CORE and
COMP_CORE pins must be left open.
The output voltage of FS6500/FS4500 is configurable to any voltage from a 1.0 V to 5.0 V range using an
external resistor divider connected between VCORE and the feedback pin (FB_CORE) (as example in Figure 1,
or Figure 73). Current limitation, overvoltage, and undervoltage detectors are provided. VCORE can be turned
on or off via a SPI command, however it is not recommended to turn off VCORE with the SPI when VCORE
is configured safety critical (both overvoltage and undervoltage have an impact on fail-safe outputs). VCORE
overvoltage information disables VCORE. Diagnostics are reported in the dedicated register and generate
an Interrupt. VCORE is enabled by default. For safety purpose, a second resistor bridge (R3/R4 duplicated)
connected to FCRBM should be used to detect an external resistor drift.
11.6 VCCA output, 5.0 V, or 3.3 V selectable
The VCCA voltage regulator is used to provide an accurate voltage output (5.0 V, 3.3 V) selectable through an
external resistor connected to the SELECT pin.
The VCCA output voltage regulator can be configured using an internal transistor delivering very good accuracy
(±1.0 % for 5.0 V and 3.3 V configuration), with a limited current capability (100 mA) for an analog to digital
converter, or with an external PNP transistor, giving higher current capability (up to 300 mA) with lower output
voltage accuracy (±3.0 % for 300 mA) when using a local ECU supply.
Current limitation, overvoltage, and undervoltage detectors are provided. VCCA can be turned on or off via
a SPI command, however it is not recommended to turn off VCCA with the SPI when VCCA is configured
safety critical (both overvoltage and undervoltage have an impact on fail-safe outputs). VCCA overcurrent (with
the use of external PNP only) and overvoltage information disables VCCA. Diagnostics are reported in the
dedicated register and generate an Interrupt. VCCA is enabled by default.
11.7 VAUX output, 5.0 V, or 3.3 V selectable
The VAUX pin provides an auxiliary output voltage (5.0 V, 3.3 V) selectable through an external resistor
connected to SELECT pin. It uses an external PNP ballast transistor for flexibility and power dissipation
constraints. The VAUX output voltage regulator can be used as ’auxiliary supply’ (local ECU supply) or ’sensor
supply’ (external ECU supply) with the possibility to be configured as a tracking regulator following VCCA.
Current limitation, overvoltage, and undervoltage detectors are provided. VAUX can be turned on or off via
a SPI command, however it is not recommended to turn off VAUX with the SPI when VAUX is configured
safety critical (both overvoltage and undervoltage have an impact on fail-safe outputs). VAUX overcurrent and
overvoltage information disables VAUX, reported in the dedicated register, and generates an Interrupt. VAUX is
enabled by default.
11.8 SELECT input pin
11.8.1 VCCA, VAUX voltage configuration
VCCA and VAUX output voltage configurations are set by connecting an external resistor between the SELECT
pin and Ground or the SELECT pin and VPRE. According to the value of this resistor, the voltage of VCCA
and VAUX are configured after each power-on reset, and after a wake-up event when the device is in LPOFF.
Information latches until the next hardware configuration read. Regulator voltage values can be read on the
dedicated register via the SPI. See Figure 75.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
28 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com