Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 60Page - NXP Semiconductors FS4500 Datasheet HTML 61Page - NXP Semiconductors FS4500 Datasheet HTML 62Page - NXP Semiconductors FS4500 Datasheet HTML 63Page - NXP Semiconductors FS4500 Datasheet HTML 64Page - NXP Semiconductors FS4500 Datasheet HTML 65Page - NXP Semiconductors FS4500 Datasheet HTML 66Page - NXP Semiconductors FS4500 Datasheet HTML 67Page - NXP Semiconductors FS4500 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.7.4.1 Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation of the internal MOSFET or external
PNP transistor. By default, the current limitation threshold is selected based on the auto detection of the
external PNP during start-up phase.
• When the internal MOSFET transistor is used, the current is limited to ICCA_LIM_INT and the regulator is kept on
• When the external PNP transistor is used, the current is limited to ICCA_LIM_OUT and the regulator is switch
off after a dedicated duration tCCA_LIM_OFF under current limitation. A SPI command is needed to restart the
regulator.
In case of an external PNP configuration only, the lowest current limitation threshold can be selected by the SPI
in the register INIT_VREG instead of the highest one. A current limitation foldback scheme is implemented to
reduce the current limitation to ICCA_LIM_FB when VCCA is below VCCA_LIM_FB, limiting the power dissipation in
the external PNP transistor during a short-circuit to GND of the VCCA pin.
12.7.4.2 Voltage monitoring
The overvoltage detection switches off the regulator. The regulator remains on if an undervoltage is detected. A
diagnostic is reported in the dedicated register, generating an Interrupt and may bring the application into fail-
safe state, depending on the supervisor configuration (register INIT_VCCA_OVUV_IMPACT).
12.7.5 VAUX voltage regulator
VAUX is a highly flexible linear voltage regulator, which can be used either as an auxiliary supply dedicated to
additional device in the ECU or as a sensor supply (i.e. outside the ECU). An external PNP transistor must be
used (no internal current capability).
If VAUX is not used in the application, the VAUX, VAUX_E, and VAUX_B pins must be left open. It is
recommended to turn the VAUX driver off and disable the VAUX safety impact by the SPI (VAUX_EN=0 in
REG_MODE register and all bits of INIT_VAUX_OVUV_IMPACT register at 0).
If VAUX is used as an auxiliary supply, the output voltage is selectable between 5.0 V and 3.3 V. Since this
voltage rail can be used to supply MCU IOs, the selection is done with an external resistor connected between
the SELECT pin and ground or VPRE. In such case, the voltage accuracy is ±3.0 %, with a maximum output
current capability of 400 mA.
If VAUX is used as a sensor supply rail, the output voltage is selectable between 5.0 V and 3.3 V. VCCA can
be used as reference for the sensor supply used as tracker. In this case, the VAUX voltage must match VCCA,
limiting the resistor configuration at the SELECT pin to 5.1 kΩ (VAUX = VCCA = 3.3 V) and 12 kΩ (VAUX = VCCA
= 5.0 V). The tracker mode selection is done during the INIT phase and secured (bit VAUX_TRK_EN in the
INIT_VREG register). The tracking accuracy is ±15 mV.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
64 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com