Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 59Page - NXP Semiconductors FS4500 Datasheet HTML 60Page - NXP Semiconductors FS4500 Datasheet HTML 61Page - NXP Semiconductors FS4500 Datasheet HTML 62Page - NXP Semiconductors FS4500 Datasheet HTML 63Page - NXP Semiconductors FS4500 Datasheet HTML 64Page - NXP Semiconductors FS4500 Datasheet HTML 65Page - NXP Semiconductors FS4500 Datasheet HTML 66Page - NXP Semiconductors FS4500 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
must be left open. It is recommended to use 1.0 % accuracy resistors and set R4 = 8.06 kΩ and adjust R3
to obtain the final VCORE voltage needed for the MCU core supply. When VCORE is used in linear mode, the
power dissipation must be taken into account at low-voltage.
FB_CORE
FCRBM
VCORE VOLTAGE
COUT_VCORE
R3b
R4b
GND
PGND
GND
R4
R3
aaa-037776
Figure 47. VCORE linear regulator
12.7.2.7 Current limitation
Similar to the buck converter mode, a current limitation is implemented to avoid uncontrolled power dissipation
inside the device (see Section 12.7.2.3).
12.7.2.8 Voltage monitoring
The linear regulator has the same voltage monitoring than the DC–DC buck converter (see Section 12.7.2.4).
12.7.3 Charge pump and bootstrap
Both switching MOSFETs of VPRE and VCORE SMPS are driven by external bootstrap capacitors. Additionally,
a charge pump is implemented to ensure 100 % duty cycle for both converters. Each converter uses a 100 nF
external capacitor minimum to operate properly.
12.7.4 VCCA voltage regulator
VCCA is a linear voltage regulator mainly dedicated to supply the MCU I/Os, especially the ADC. The output
voltage is selectable at 5.0 V, or 3.3 V. Since this output voltage can be used to supply MCU I/Os, the output
voltage selection is done using an external resistor connected to the SELECT pin and ground or VPRE. When
VCCA is used with the internal MOS transistor, the VCCA_E pin must be connected to VPRE. The voltage
accuracy is ±1.0 % for 5.0 V and 3.3 V configuration with an output current capability at 100 mA.
When VCCA is used with an external PNP transistor to boost the current capability up to 300 mA, the
connection is detected automatically during the start-up sequence of the FS6500/FS4500. In such condition,
the internal pass transistor is switched off and all the current is driven through the external PNP to reduce the
internal power dissipation. The output voltage accuracy with an external PNP is reduced to ±3.0 % at 300 mA
current load. The VCCA output voltage is used as a reference for the auxiliary voltage supply (VAUX) when
VAUX is configured as a tracking regulator.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
63 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com