Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 78Page - NXP Semiconductors FS4500 Datasheet HTML 79Page - NXP Semiconductors FS4500 Datasheet HTML 80Page - NXP Semiconductors FS4500 Datasheet HTML 81Page - NXP Semiconductors FS4500 Datasheet HTML 82Page - NXP Semiconductors FS4500 Datasheet HTML 83Page - NXP Semiconductors FS4500 Datasheet HTML 84Page - NXP Semiconductors FS4500 Datasheet HTML 85Page - NXP Semiconductors FS4500 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
13 Serial peripheral interface
13.1 High-level overview
13.1.1 SPI
The device uses a 16-bit SPI, with the following arrangement:
MOSI, primary out, secondary in bits:
• Bit 15 read/write
• Bit 14 main or fail-safe register target
• bit 13 to 9 (A4 to A0) to select the register address. Bit 8 is a parity bit in write mode, next bit (=0) in read
mode.
• bit7 to 0 (D7 to D0): control bits
MISO, primary in, secondary out bits:
• bits 15 to 8 (S15 to S8) are device status bits
• bits 7 to 0 (Do7 to Do0) are either extended device status bits, device internal control register content or
device flags.
Figure 69 is an overview of the SPI implementation.
13.1.2 Parity bit 8 calculation
The parity bit 8 is used in write mode only (bit 15 = 1). It is calculated based on the number of logic ones
contained in the bit 15–9, 7–0 sequence (this is the whole 16-bits of the write command except bit 8). In read
mode, the parity bit should be set to 0.
Bit 8 must be set to 0 if the number of ones is odd.
Bit 8 must be set to 1 if the number of ones is even.
13.1.3 Device status on MISO
When a write operation is performed to store data or a control bit in the device, the MISO pin reports a 16-bit
fixed device status composed of two bytes: device fixed status (bits 15 to 8) + extended device status (bits
7 to 0). In a read operation, MISO reports the fixed device status (bits 15 to 8), and the next eight bits are
content of the selected register. A standard serial peripheral interface (SPI) is integrated to allow bidirectional
communication between the FS6500/FS4500 and the MCU. The SPI is used for configuration and diagnostic
purposes.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
82 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com