Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 85Page - NXP Semiconductors FS4500 Datasheet HTML 86Page - NXP Semiconductors FS4500 Datasheet HTML 87Page - NXP Semiconductors FS4500 Datasheet HTML 88Page - NXP Semiconductors FS4500 Datasheet HTML 89Page - NXP Semiconductors FS4500 Datasheet HTML 90Page - NXP Semiconductors FS4500 Datasheet HTML 91Page - NXP Semiconductors FS4500 Datasheet HTML 92Page - NXP Semiconductors FS4500 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Description
CAN_5V overvoltage monitoring
0
Off. VCAN OV is not monitored. Flag is ignored.
1
On. VCAN OV is monitored. If OV the CAN_5V regulator is switched off.
VCAN_OV_MON
Reset condition Power on reset
Description
Configure the current limitation duration before VAUX is switched off.
0
10 ms
1
50 ms
TAUX_LIM_OFF
Reset condition Power on reset
Description
Configure VAUX regulator as a tracker of VCCA
0
NO tracking.
1
Tracking mode enabled and latched
VAUX_TRK_EN
Reset condition Power on reset
Description
Report a battery disconnection (POR of the main logic)
0
NO POR
1
POR occurred
Reset condition Power on reset
BAT_FAIL[1]
Clear condition
Read
Table 23. INIT_VREG description and configuration of the bits (default value in bold) ...continued
[1]
BAT_FAIL = POR_M or VSUP_UV_L or BG_OK (reset sources of main logic). BAT_FAIL bit is cleared by a SPI read.
13.3.2 INIT_WU1
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1
0
0
0
0
1
0
P
WU_
IO0_1
WU_
IO0_0
WU_
IO2_1
WU_
IO2_0
WU_
IO3_1
WU_
IO3_0
WU_
IO4_1
WU_
IO4_0
 
MISO
SPI_G
WU_G
CAN_G
LIN_G
IO_G
VPRE
_G
VCORE
_G
VOTHERS_
G
WU_
IO0_1
WU_
IO0_0
WU_
IO2_1
WU_
IO2_0
WU_
IO3_1
WU_
IO3_0
WU_
IO4_1
WU_
IO4_0
Table 24. INIT_WU1 register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
 
MISO
SPI_G
WU_G
CAN_G
LIN_G
IO_G
VPRE
_G
VCORE
_G
VOTHERS_
G
WU_
IO0_1
WU_
IO0_0
WU_
IO2_1
WU_
IO2_0
WU_
IO3_1
WU_
IO3_0
WU_
IO4_1
WU_
IO4_0
Description
IO_0 wake-up configuration
00
NO wake-up capability
01
Wake-up on rising edge - or high level
10
Wake-up on falling edge - or low level
11
Wake-up on any edge
WU_IO0_1:0
Reset condition Power on reset
Table 25. INIT_WU1 description and configuration of the bits (default value in bold)
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
89 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com