Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 229 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 229 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 225Page - PMC-Sierra, Inc PM5313 Datasheet HTML 226Page - PMC-Sierra, Inc PM5313 Datasheet HTML 227Page - PMC-Sierra, Inc PM5313 Datasheet HTML 228Page - PMC-Sierra, Inc PM5313 Datasheet HTML 229Page - PMC-Sierra, Inc PM5313 Datasheet HTML 230Page - PMC-Sierra, Inc PM5313 Datasheet HTML 231Page - PMC-Sierra, Inc PM5313 Datasheet HTML 232Page - PMC-Sierra, Inc PM5313 Datasheet HTML 233Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
197
Register 0013H: SPECTRA-622 Transmit Telecom Bus Configuration
Bit
Type
Function
Default
Bit 7
R/W
TC1J1V1EN
0
Bit 6
R/W
DISTV1
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
ODDPT
0
Bit 1
R/W
INCTPL
0
Bit 0
R/W
INCTC1J1V1
0
This register allows the parity insertion in the Transmit Telecom Bus of the
SPECTRA-622 to be configured.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-
622.INCTC1J1V1:
The INTDC1J1V1 bit controls whether the composite timing signal, TC1J1V1,
on the Transmit bus is used to calculate the corresponding parity signal, TDP.
When INCTC1J1V1 is set high, the parity signal set includes the TC1J1V1
signal. When INCTC1J1V1 is set low, parity is calculated without regard to the
state of the corresponding TC1J1V1 signal on the Transmit bus.
INCTPL:
The INCTPL bit controls whether the payload active signal, TPL, on the
Transmit bus is used to calculate the corresponding parity signal, TDP. When
INCTPL is set high, the parity signal set includes the TPL signal. When
INCTPL is set low, parity is calculated without regard to the state of the
corresponding TPL signal on the Transmit bus.
ODDPT:
The ODDPT bit controls the parity placed on the Transmit bus parity signal,
TDP. When set high, the ODDPT bit configures the bus parity to be odd.
When set low, the ODDPT bit configures the bus parity to be even.
DISTV1:
When set high, the DISTV1 bit configures the TC1J1V1 output to mark only
the frame and synchronous payload envelope (virtual container) alignments
(C1 and J1 bytes). TC1J1V1 will not indicate the tributary multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com