Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 58 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 58 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 54Page - PMC-Sierra, Inc PM5313 Datasheet HTML 55Page - PMC-Sierra, Inc PM5313 Datasheet HTML 56Page - PMC-Sierra, Inc PM5313 Datasheet HTML 57Page - PMC-Sierra, Inc PM5313 Datasheet HTML 58Page - PMC-Sierra, Inc PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc PM5313 Datasheet HTML 60Page - PMC-Sierra, Inc PM5313 Datasheet HTML 61Page - PMC-Sierra, Inc PM5313 Datasheet HTML 62Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
26
Pin Name
Type
Pin
No.
Function
SCPI[3]
SCPI[2]
SCPI[1]
SCPI[0]
Input
E1
E2
F5
E3
The status and control port inputs (SCPI[3:0]) are
used to monitor the operation of auxiliary devices.
An interrupt may be generated when state changes
are detected on these monitored signals. State
changes and the real-time signal levels on this port
are available in the SPECTRA-622 Serial Control
Port Status and Control register. Each of the inputs
contains an internal pull up resistor.
10.2 Parallel Line Side Interface Signals
Pin Name
Type
Pin
No.
Function
PICLK
Input
AK4
The parallel input clock (PICLK) provides timing for
SPECTRA-622 receive function when the device is
configured for the parallel interface mode of
operation. PICLK is a 77.76 MHz nominally 50%
duty cycle clock.
PIN[7:0] and FPIN are sampled on the rising-edge
of PICLK.
PIN[0]
PIN[1]
PIN[2]
PIN[3]
PIN[4]
PIN[5]
PIN[6]
PIN[7]
Input
AL5
AK5
AJ5
AH5
AK6
AJ6
AH6
AJ7
The parallel data input (PIN[7:0]) bus carries the
byte-serial STS-12 (STM-4) stream when the
device is configured for the parallel interface mode
of operation. PIN[7] is the most significant bit
(corresponding to bit 1 of each serial word, the first
bit received). PIN[0] is the least significant bit
(corresponding to bit 8 of each serial word, the last
bit received).
The polarity of the PIN[7:0] pins can be changed by
the RXDINV bit in register 0003H.
PIN[7:0] is sampled on the rising edge of PICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com