| Electronic Components Datasheet Search |
|
PM5313 Datasheet(PDF) 48 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5313 Datasheet(HTML) 48 Page - PMC-Sierra, Inc |
|
48 / 646 page ![]() PRODUCTION PMC-Sierra, Inc. PM5313 SPECTRA-622 DATASHEET PMC-1981162 ISSUE 6 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S PROPRIETARY AND CONFIDENTIAL 16 8 DESCRIPTION The PM5313 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER (SPECTRA-622) terminates the transport and path overhead of STS-12 (STM-4/AU3 or STM- 4/AU4) and STS-12c (STM-4-4c) streams at 622.08 Mbit/s. The SPECTRA-622 implements significant functions for a SONET/SDH compliant line interface, as well as DS3 mapping. The SPECTRA-622 receives SONET/SDH frames via a bit serial interface, recovers clock and data, and terminates the SONET/SDH section (regenerator section), line (multiplexer section), and path. It performs framing (A1, A2), descrambling, detects alarm conditions, and monitors section and line bit interleaved parity (BIP) (B1, B2), accumulating error counts at each level for performance monitoring purposes. B2 errors are also monitored to detect signal fail and signal degrade threshold crossing alarms. Line remote error indications (M1) are also accumulated. A 16 or 64 byte section trace (J0) message may be buffered and compared against an expected message. In addition, the SPECTRA-622 interprets the received payload pointers (H1, H2), detects path alarm conditions, detects and accumulates path BIPs (B3), monitors and accumulates path Remote Error Indications (REIs), accumulates and compares the 16 or 64 byte path trace (J1) message against an expected result and extracts the synchronous payload envelope (virtual container). All transport and path overhead bytes are extracted and serialized on lower rate interfaces, allowing additional external processing of overhead, if desired. The extracted SPE (VC) is placed on a Telecom DROP bus and optionally serialized into DS3 streams. For Telecombus applications, frequency offsets (e.g., due to plesiochronous network boundaries, or the loss of a primary reference timing source) and phase differences (due to normal network operation) between the received data stream and the DROP bus are accommodated by pointer adjustments in the DROP bus. For the DS3 application, the SPECTRA-622 demaps the DS3s from the STS-12 (STM-4/AU3/AU4) SPE and provides serialized bit streams with derived clocks. Both the Telecom and DS3 DROP buses can be active at the same time supporting a mixed use de-multiplexer function on the system DROP side. The SPECTRA-622 transmits SONET/SDH frames, via a bit serial interface, and formats section (regenerator section), line (multiplexer section), and path overhead appropriately. The SPECTRA-622 provides transmit path origination for a SONET/SDH STS-12 (STM-4/AU3 or STM-4/AU4) or STS-12c (STM-4-4c) stream. It performs framing pattern insertion (A1, A2), scrambling, alarm signal insertion, and creates section and line BIPs (B1, B2) as required to allow performance monitoring at the far end. Line remote error indications (M1) are |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |