Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
43
Pin Name
Type
Pin
No.
Function
RSLD
Tristate
Output
B19
The receive section or line DCC (RSLD) bit serial
output signal contains the received section data
communication channel (D1-D3) or the line data
communication channel (D4-D12).
RSLD is updated on the falling edge of RSLDCLK
and should be sampled externally on the rising
edge of RSLDCLK.
The RTOC Overhead Control register contains the
RSLDSEL register bit used to select the section or
line DCC. The same register also contains the
RX_GAPSEL register bit used to select the smooth
or gapped RSLDCLK output clock and the
RSLD_TS register bit that can be used to tri-state
RSLDCLK and RSLD outputs.
RLDCLK
Tristate
Output
E19
The receive line data communication channel
(DCC) clock (RLDCLK) is used to update the
received line DCC (RLD). A smooth or gapped
version of this clock may be selected.
When selecting the smooth clock, RLDCLK is a 576
kHz clock with nominal 50% duty cycle.
When selecting the gapped clock, RLDCLK is a 576
kHz clock, with nominal 66%/33% duty cycle,
generated by gapping a 2.16 MHz clock.
In all cases, RLD is updated on the falling edge of
RLDCLK. In gapped clock mode, a gap detector on
RLDCLK is needed to identify the MSB on RLD. A
edge detection of RFPO may also be used. In
smooth clock mode, RTOHFP may be sampled
high at the same time as the MSB on RLD.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped RLDCLK output clock and the RLD_TS
register bit that can be used to tri-state RLDCLK
and RLD outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com