Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
61
Pin Name
Pin
Type
PIN
No.
Function
• The loss of multiframe signal (LOM) indicates
the tributary multiframe synchronization status
of the corresponding STS-1 (STM-0/AU3),
STS-3c (STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. LOM is set high if a
correct four frame sequence is not detected in
eight frames.
• The loss of pointer concatenation and path AIS
concatenation signals (LOPCON and
PAISCON) are the concatenated alarms for
STS-3c (STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream.
• The receive path unequipped status (UNEQ)
indicates the unequipped status of the path
signal label of the corresponding STS-1 (STM-
0/AU3), STS-3c (STM-1/AU4) or STS-12c
(STM-4-4c) SONET/SDH stream. UNEQ is set
high when the filtered path signal label indicates
unequipped and is dependent on the selected
UNEQ mode.
• The receive path signal label unstable status
(PSLU) reports the stable/unstable status
(mode 1) of the path signal label in the
corresponding STS-1 (STM-0/AU3), STS-3c
(STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. PSLU is set high when
the current received C2 byte differs from the
previous C2 byte for five consecutive frames.
• The receive path signal label mismatch (PSLM)
status reports the match/mismatch status
(mode 1 and mode 2) for the path signal label
of the corresponding STS-1 (STM-0/AU3),
STS-3c (STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. In mode 1, PSLM is set
high when the accepted PSL differs from the
expected PSL written by the microprocessor. In
mode 2, PSLM is set high when 5 consecutive
mismatches have been declared
• The receive path trace identifier unstable status
(TIU-P) reports the stable/unstable status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com