Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 31Page - PMC-Sierra, Inc PM5313 Datasheet HTML 32Page - PMC-Sierra, Inc PM5313 Datasheet HTML 33Page - PMC-Sierra, Inc PM5313 Datasheet HTML 34Page - PMC-Sierra, Inc PM5313 Datasheet HTML 35Page - PMC-Sierra, Inc PM5313 Datasheet HTML 36Page - PMC-Sierra, Inc PM5313 Datasheet HTML 37Page - PMC-Sierra, Inc PM5313 Datasheet HTML 38Page - PMC-Sierra, Inc PM5313 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
3
• Extracts and serializes the automatic protection switch (APS) channel (K1,
K2) bytes, filtering and extracting them into internal registers for the receive
stream. Inserts the APS channel into the transmit stream.
• Extracts and filters the synchronization status message (Z1/S1) byte into an
internal register for the receive stream. Inserts the synchronization status
message (Z1/S1) byte into the transmit stream.
• Extracts a 64 byte or 16 byte section trace (J0) message using an internal
register bank for the receive stream. Detects an unstable section trace
message or mismatch with an expected message, and optionally inserts Line
and Path AIS on the system DROP side upon either of these conditions.
Inserts a 64 byte or 16 byte section trace (J0) message using an internal
register bank for the transmit stream. Provides access to the accepted
message via the microprocessor port.
• Detects loss of signal (LOS), out of frame (OOF), loss of frame (LOF), line
remote defect indication (RDI), line alarm indication signal (AIS), and
protection switching byte failure alarms on the receive stream. Optionally
returns line RDI in the transmit stream.
• Provides a transmit and receive ring control port, allowing alarm and
maintenance signal control and status to be passed between mate
SPECTRA-622s for ring-based add drop multiplexer and line multiplexer
applications.
• Configurable to force Line AIS in the transmit stream.
1.3
SONET Path / SDH High Order Path
• Accepts a multiplex of twelve STS-1 (STM-0/AU3) streams, four STS-3/3c
(STM-1/AU3/AU4) streams or a single STS-12c (STM-4-4c) stream, interprets
the STS (AU) pointer bytes (H1, H2, and H3), extracts the synchronous
payload envelope(s) and processes the path overhead for the receive stream.
• Constructs a byte serial multiplex of twelve STS-1 (STM-0/AU3) streams or
four STS-3/3c (STM-1/AU3/AU4) stream on the transmit side.
• Detects loss of pointer (LOP), loss of tributary multiframe (LOM), path alarm
indication signal (PAIS) and path (auxiliary and enhanced) remote defect
indication (RDI) for the receive stream. Optionally inserts path alarm
indication signal (PAIS) and path remote defect indication (RDI) in the
transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com