Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc PM5313 Datasheet HTML 83Page - PMC-Sierra, Inc PM5313 Datasheet HTML 84Page - PMC-Sierra, Inc PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
54
Pin Name
Type
Pin
No.
Function
TOH
Input
D24
The transmit overhead (TOH) bit serial input signal
contains either the received section orderwire (E1),
user channel (F1) line order wire (E2) or line APS
bytes (K1/K2) to be transmitted.
TOH is sampled on the rising edge of TOHCLK.
The TOH inputs take precedence over the TSOW,
TSUC or TLOW inputs and the TTOH and TTOHEN
inputs take precedence over TOH. By default the
TOH input will overwrite the TSOW input.
The TTOC Overhead Control register contains the
TOHSEL[1:0] register bits used to select the section
orderwire, section user channel, line orderwire or
line APS bytes. The same register also contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOHCLK output clock and the TOH_TS
register bit that can be used to tri-state the
TOHCLK output.
TTOHCLK
Output
D25
The transmit transport overhead clock (TTOHCLK)
is used to clock in transport overhead (TTOH) to be
transmitted along with it’s enable (TTOHEN).
TTOHCLK is nominally a 20.736 MHz clock
generated by gapping a 25.92 MHz clock.
TTOHCLK has a 33% high duty cycle.
TTOHFP is updated on the falling edge of
TTOHCLK.
TTOH is updated on the falling edge of TTOHCLK.
TTOH
Input
E24
The transmit transport overhead (TTOH) bit serial
input signal contains the transport overhead bytes
(A1, A2, J0, Z0, B1, E1, F1, D1-D3, H1-H3, B2, K1,
K2, D4-D12, Z1/S1, Z2/M1, and E2) to be
transmitted and errors masks to be applied on the
B1, B2, H1 and H2 transmitted bytes.
TTOH is sampled on the rising edge of TTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com