Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 52Page - PMC-Sierra, Inc PM5313 Datasheet HTML 53Page - PMC-Sierra, Inc PM5313 Datasheet HTML 54Page - PMC-Sierra, Inc PM5313 Datasheet HTML 55Page - PMC-Sierra, Inc PM5313 Datasheet HTML 56Page - PMC-Sierra, Inc PM5313 Datasheet HTML 57Page - PMC-Sierra, Inc PM5313 Datasheet HTML 58Page - PMC-Sierra, Inc PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc PM5313 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
24
Pin Name
Type
Pin
No.
Function
RXD+
RXD-
PECL
Input
Y2
Y1
The receive differential data PECL inputs (RXD+/-)
contain the STS-12 (STM-4) 622.08 Mbit/s NRZ
encoded bit serial receive stream. The receive
clock is recovered from the RXD+/- bit stream when
clock recovery is not bypassed. RXD+/- is sampled
on the rising edge of RRCLK+/- (falling edge may
be used by reversing RRCLK+/-) when clock
recovery is bypassed. The polarity of the RXD pins
can be changed by the RXDINV bit in register
0003H.
Clock recovery bypass is selectable using the
RBYP bit in the SPECTRA-622 Line Configuration
#1 register.
Please refer to the Operation section for a
discussion of PECL interfacing issues.
RRCLK+
RRCLK-
PECL
Input
W1
W2
The receive differential clock inputs (RRCLK+/-) are
used when clock recovery is bypassed. RRCLK+/-
is nominally a 622.08 MHz 50% duty cycle clock
and provides timing for the SPECTRA-622 receive
functions. In this case, RXD+/- is sampled on the
rising edge of RRCLK+/-. RRCLK+/- is ignored
when clock recovery is enabled.
Clock recovery bypass is selectable using the
RBYP bit in the SPECTRA-622 Line Configuration
#1 register.
Please refer to the Operation section for a
discussion of PECL interfacing issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com