Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 30Page - PMC-Sierra, Inc PM5313 Datasheet HTML 31Page - PMC-Sierra, Inc PM5313 Datasheet HTML 32Page - PMC-Sierra, Inc PM5313 Datasheet HTML 33Page - PMC-Sierra, Inc PM5313 Datasheet HTML 34Page - PMC-Sierra, Inc PM5313 Datasheet HTML 35Page - PMC-Sierra, Inc PM5313 Datasheet HTML 36Page - PMC-Sierra, Inc PM5313 Datasheet HTML 37Page - PMC-Sierra, Inc PM5313 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
2
• Provides Time Slot Interchange (TSI) function at the Telecom ADD and DROP
buses for grooming twelve STS-1 (STM-0/AU3) paths or four STS-3/3c
(STM-1/AU3/AU4) paths.
• Supports line loopback from the line side receive stream to the transmit
stream and diagnostic loopback from a Telecom ADD bus interface to a
Telecom DROP bus interface.
• Supports OC-48(STM-16) applications by providing parallel receive and
transmit line side ports used to connect to front-end OC-48 devices.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan
board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control, and status monitoring.
• Low power 3.3V CMOS with TTL compatible digital inputs and CMOS/TTL
digital outputs. PECL inputs and outputs are 3.3V and 5V compatible.
• Industrial temperature range (-40°C to +85°C).
• 520 pin Super BGA package.
1.2
SONET Section and Line / SDH Regenerator and Multiplexer Section
• Frames to the STS-12 (STM-4) receive stream and inserts the framing bytes
(A1, A2) and the STS identification byte (J0) into the transmit stream;
descrambles the received stream and scrambles the transmit stream.
• Calculates and compares the bit interleaved parity (BIP) error detection codes
(B1, B2) for the receive stream. Calculates and inserts B1 and B2 in the
transmit stream. Accumulates near end errors (B1, B2) and far end errors
(M1) and inserts line remote error indications (REI) into the Z2 (M1) growth
byte based on received B2 errors.
• Detects signal degrade (SD) and signal fail (SF) threshold crossing alarms
based on received B2 errors.
• Extracts and serializes the order wire channels (E1, E2), the data
communication channels (D1-D3, D4-D12) and the section user channel (F1)
from the received stream, and inserts the corresponding signals into the
transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com