Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc PM5313 Datasheet HTML 83Page - PMC-Sierra, Inc PM5313 Datasheet HTML 84Page - PMC-Sierra, Inc PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
52
Pin Name
Type
Pin
No.
Function
TSOW
Input
E23
The transmit section order wire (RSOW) bit serial
input signal contains the section order wire (E1) to
be transmitted.
TSOW is sampled on the rising edge of TOWCLK.
By default, the TOH input take precedence over
TSOW. The TTOH and TTOHEN inputs has also
precedence over TSOW.
The TTOC Overhead Control register contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOWCLK output clock.
TSUC
Input
B24
The transmit section user channel (RSUC) bit serial
input signal contains the user channel (F1) to be
transmitted.
TSUC is sampled on the rising edge of TOWCLK.
The TOH and the TTOH and TTOHEN inputs take
precedence over TSUC.
The TTOC Overhead Control register contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOWCLK output clock.
TLOW
Input
C24
The transmit line order wire (TLOW) bit serial input
signal contains the line order wire (E2) to be
transmitted.
TLOW is sampled on the rising edge of TOWCLK.
The TOH and the TTOH and TTOHEN inputs take
precedence over TLOW.
The TTOC Overhead Control register contains the
TX_GAPSEL register bit used to select the smooth
or gapped TOWCLK output clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com