Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc PM5313 Datasheet HTML 100Page - PMC-Sierra, Inc PM5313 Datasheet HTML 101Page - PMC-Sierra, Inc PM5313 Datasheet HTML 102Page - PMC-Sierra, Inc PM5313 Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
67
Pin Name
Pin
Type
PIN
No.
Function
DPAIS
Input
A13
The active high DROP bus path alarm indication
signal (DPAIS) is a timeslot multiplexed signal that
controls the insertion of path or DS3 AIS in the
DROP bus (DD[31:24], DD[23:16], DD[15:8],
DD[7:0]) and the DS3 DROP interface
(DS3RDAT[12:1]) on a per STS (AU) basis.
A high level on DPAIS during a specific timeslot
forces the insertion of the all ones pattern into the
corresponding SPE and the payload pointer bytes
(H1, H2, and H3) presented on the DROP bus. A
DS3 AIS is simultaneously inserted in the
corresponding DS3 DROP interface. Path AIS or
DS3 AIS can also be inserted via register access or
in response to receive alarms.
DPAIS is sampled on the rising edge of DPAISCK.
TPAISCK
Input
E13
The Transmit path alarm indication clock signal
(TPAISCK) provides timing for system ADD side
path or DS3 AIS assertion.
TPAISCK is a clock of arbitrary phase and
frequency within the limits specified in the A.C.
Timing section of this document.
Inputs TPAIS and TPAISFP are sampled on the
rising edge of TPAISCK.
TPAISFP
Input
D13
The active high Transmit path alarm indication
frame pulse signal (TPAISFP) marks the first path or
DS3 AIS assertion request for the transmit
SONET/SDH streams. TPAISFP is set high to mark
the path or DS3 AIS assertion request of the first
transmit STS-1 (STM-0/AU3) stream. It also marks
the path AIS assertion request of the first transmit
STS-3c (STM-1/AU4) stream or the single transmit
STS-12c (STM-4-4c) stream.
TPAISFP is sampled on the rising edge of
TPAISCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com