Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc PM5313 Datasheet HTML 100Page - PMC-Sierra, Inc PM5313 Datasheet HTML 101Page - PMC-Sierra, Inc PM5313 Datasheet HTML 102Page - PMC-Sierra, Inc PM5313 Datasheet HTML 103Page - PMC-Sierra, Inc PM5313 Datasheet HTML 104Page - PMC-Sierra, Inc PM5313 Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
69
10.10 Drop Bus Interface Configuration
Pin Name
Pin
Type
PIN
No.
Function
DMODE[0]
DMODE[1]
Input
AG26
AH27
The DROP bus mode select (DMODE[1:0]) inputs
are used to select the operation of the DROP Bus
system side interface when the DMODE[1:0] bits in
the SPECTRA-622 Drop Bus Configuration register
is set to 00b.
The interface may be configured as Telecom mode
only, DS3 mode only or Dual Telecom and DS3
mode. In Telecom mode, only the Telecom DROP
bus interface is active. The DROP DS3 blocks are
held in reset and the DS3 interface output signals
are forced low. In DS3 mode, only the DS3 DROP
bus interface is active. The DS3 Telecom blocks are
held in reset and the Telecom interface output
signals are forced low. In Dual mode, both the
DROP Telecom and DS3 interfaces are enabled
and all DROP blocks are functioning.
The DROP bus mode may also be set via the
DMODE[1:0] register bits in the SPECTRA-622
DROP Bus Configuration register. The DMODE[1:0]
register bits override the mode set via the input pins
when the register bits are programmed to other than
00b. By default the input pins are used to set the
DROP bus mode.
DMODE[1:0] = 01b: Telecom Mode
DMODE[1:0] = 10b: DS3 Mode
DMODE[1:0] = 11b: Dual Mode
DMODE[1:0] = 00b: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com