Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 51Page - PMC-Sierra, Inc PM5313 Datasheet HTML 52Page - PMC-Sierra, Inc PM5313 Datasheet HTML 53Page - PMC-Sierra, Inc PM5313 Datasheet HTML 54Page - PMC-Sierra, Inc PM5313 Datasheet HTML 55Page - PMC-Sierra, Inc PM5313 Datasheet HTML 56Page - PMC-Sierra, Inc PM5313 Datasheet HTML 57Page - PMC-Sierra, Inc PM5313 Datasheet HTML 58Page - PMC-Sierra, Inc PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
23
10 PIN DESCRIPTION (520)
10.1 Serial Line side Interface Signals
Pin Name
Type
Pin
No.
Function
PECLV
Input
G2
The PECL signal voltage select (PECLV) selects
between 3.3V PECL or 5V PECL signaling for the
PECL inputs. When PECLV is low, the PECL inputs
expect a 5V PECL signal. When PECLV is high, the
PECL inputs expect a 3.3V PECL signal. The PECL
biasing pins PBIAS[3:0] should be set to the
appropriate voltage.
This input pin is 5 Volt tolerant.
Please refer to the Operation section for a
discussion of PECL interfacing issues
REFCLK+
REFCLK-
PECL
Input
M2
M1
The differential reference clock inputs (REFCLK+/-)
must provide a jitter-free 77.76 MHz reference
clock. It is used as the reference clock by both
clock recovery and clock synthesis circuits.
When the WAN Synchronization controller is used,
REFCLK+/- is supplied using a VCXO. In that
application, the transmit direction can be externally
looped timed to the line receiver in order to meet
wander transfer and holdover requirements.
Please refer to the Operation section for a
discussion of PECL interfacing issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com