Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 66Page - PMC-Sierra, Inc PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
38
Pin Name
Type
Pin
No.
Function
LAIS/
Output
C18
The line alarm indication (LAIS) signal is active
when the ring control port is disabled. LAIS is set
high when line AIS is detected in the incoming
stream. LAIS is declared when the 111 binary
pattern is detected in bits 6, 7, and 8 of the K2 byte
for three or five consecutive frames. LAIS is
removed when any pattern other than 111 is
detected in bits 6, 7, and 8 of the K2 byte for three
or five consecutive frames. The selection of three or
five consecutive frames is controlled by the
LAISDET bit in the RLOP Control and Status
register.
LAIS is updated on the rising edge of RCLK.
RRCPDAT
The receive ring control port data (RRCPDAT)
signal contains the receive ring control port data
stream when the ring control port is enabled. The
receive ring control port data consists of the filtered
K1, K2 byte values, the change of APS value bit
position, the protection switch byte failure status bit
position, the send line AIS and send line RDI bit
positions, and the line REI bit positions. RRCPDAT
can be connected directly to the TRCPDAT input of
a mate SPECTRA-622 in ring-based add-drop
multiplexer applications.
RRCPDAT is updated on the falling edge of
RRCPCLK.
The enabling and disabling of the ring control port is
controlled by the RCPEN bit in the SPECTRA-622
Ring Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com