Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
42
10.5
Receive Transport Overhead Extraction Signals
Pin Name
Type
Pin
No.
Function
RSLDCLK
Tristate
Output
C19
The receive section or line data communication
channel (DCC) clock (RSLDCLK) is used to update
the received section or line DCC (RSLD). A smooth
or gapped version of this clock may be selected.
When selecting the smooth clock and clocking the
section DCC, RSLDCLK is a 192 kHz clock with
nominal 50% duty cycle. When selecting to clock
the line DCC, RSLDCLK is a 576 kHz clock with
nominal 50% duty cycle.
When selecting the gapped clock and clocking the
section DCC, RSLDCLK is a 192 kHz clock
generated by gapping a 216 kHz clock. When line
DCC is selected, RSLDCLK is a 576 kHz clock
generated by gapping a 2.16 MHz clock.
In all cases, RSLD is updated on the falling edge of
RSLDCLK. In gapped clock mode, a gap detector
on RSLDCLK is needed to identify the MSB on
RSLD. A edge detection of RFPO may also be
used. In smooth clock mode, RTOHFP may be
sampled high at the same time as the MSB on
RSLD.
The RTOC Overhead Control register contains the
RSLDSEL register bit used to select the section or
line DCC. The same register also contains the
RX_GAPSEL register bit used to select the smooth
or gapped RSLDCLK output clock and the
RSLD_TS register bit that can be used to tri-state
RSLDCLK and RSLD outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com