Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 84Page - PMC-Sierra, Inc PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
56
Pin Name
Type
Pin
No.
Function
TTOHEN
Input
C25
The transmit transport overhead insert enable
(TTOHEN) signal controls the source of the
transport overhead data which is inserted in the
outgoing stream. When TTOHEN is high during the
most significant bit of a TOH byte on TTOH, the
sampled TOH byte is inserted into the
corresponding transport overhead byte positions
(A1, A2, J0, Z0, E1, F1, D1-D3, H3, K1, K2, D4-
D12, Z1/S1, Z2/M1, and E2 bytes). While TTOHEN
is low during the most significant bit of a TOH byte
on TTOH, that sampled byte is ignored and the
default values are inserted into these transport
overhead bytes. The overhead byte enabled by the
TTOHEN input takes precedence over TOH input.
When TTOHEN is high during the most significant
bit of the H1, H2, B1 or B2 TOH byte positions on
TTOH, the sampled TOH byte is logically XOR’ed
with the associated incoming byte to force bit errors
on the outgoing byte. A logic low bit in the TTOH
byte allows the incoming bit to go through while a
bit set to logic high will toggle the incoming bit. A
low level on TTOHEN during the MSB of the TOH
byte disables the error forcing for the entire byte.
When the transmit trace enable (TREN) bit in the
TTOC Transport Overhead Byte Control register is
a logic 1, the J0 byte contents are sourced from the
section trace buffer, regardless of the state of
TTOHEN.
TTOHEN is sampled on the rising edge of
TTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com