Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 24Page - PMC-Sierra, Inc PM5313 Datasheet HTML 25Page - PMC-Sierra, Inc PM5313 Datasheet HTML 26Page - PMC-Sierra, Inc PM5313 Datasheet HTML 27Page - PMC-Sierra, Inc PM5313 Datasheet HTML 28Page - PMC-Sierra, Inc PM5313 Datasheet HTML 29Page - PMC-Sierra, Inc PM5313 Datasheet HTML 30Page - PMC-Sierra, Inc PM5313 Datasheet HTML 31Page - PMC-Sierra, Inc PM5313 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
xxvii
FIGURE 16
-PATH PROCESSING SLICES AND ORDER OF
TRANSMISSION ........................................................... 165
FIGURE 17
-INPUT OBSERVATION CELL (IN_CELL)..................... 487
FIGURE 18
-OUTPUT CELL (OUT_CELL ........................................ 487
FIGURE 19
-BI-DIRECTIONAL CELL (IO_CELL) ............................. 488
FIGURE 20
-CONCEPTUAL CLOCKING STRUCTURE .................. 504
FIGURE 25. DIGITAL PLL BLOCK DIAGRAM....................................... 506
FIGURE 26
-BOUNDARY SCAN ARCHITECTURE.......................... 510
FIGURE 27
-TAP CONTROLLER FINITE STATE MACHINE............ 512
FIGURE 28
-ANALOG POWER SUPPLY FILTERING...................... 517
FIGURE 29
-INTERFACING SPECTRA-622 PECL PINS TO
3.3V DEVICES .............................................................. 520
FIGURE 30
-INTERFACING SPECTRA-622 PECL PINS TO
5.0V DEVICES .............................................................. 520
FIGURE 32
-IN FRAME DECLARATION TIMING............................. 522
FIGURE 33
-OUT OF FRAME DECLARATION TIMING................... 522
FIGURE 34
-STS-12 (STM-4/AU3) TRANSMIT TELECOM BUS
TIMING .......................................................................... 523
FIGURE 35
-STS-12C (STM-4-4C) TRANSMIT TELECOM BUS
TIMING .......................................................................... 524
FIGURE 36
-RECEIVE TRANPORT OVERHEAD EXTRACTION .... 525
FIGURE 37
-RX SECTION/LINE AND LINE DCC TIMING
(RX_GAPSEL=0)........................................................... 526
FIGURE 38
-RX LINE DCC TIMING (RX_GAPSEL=0)..................... 526
FIGURE 39
-RX SECTION DCC TIMING (RX_GAPSEL=0)............. 527
FIGURE 40
-RX SECTION/LINE AND LINE DCC TIMING
(RX_GAPSEL=1)........................................................... 527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com