Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 55Page - PMC-Sierra, Inc PM5313 Datasheet HTML 56Page - PMC-Sierra, Inc PM5313 Datasheet HTML 57Page - PMC-Sierra, Inc PM5313 Datasheet HTML 58Page - PMC-Sierra, Inc PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc PM5313 Datasheet HTML 60Page - PMC-Sierra, Inc PM5313 Datasheet HTML 61Page - PMC-Sierra, Inc PM5313 Datasheet HTML 62Page - PMC-Sierra, Inc PM5313 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
27
Pin Name
Type
Pin
No.
Function
FPIN
Input
AH7
The active-high framing position input (FPIN) signal
indicates the SONET/SDH frame position on the
PIN[7:0] bus when the device is configured for the
parallel interface mode of operation. The operation
of the FPIN input is controlled by the PFPEN bit in
the CRSI Configuration and Interrupt register.
When PFPEN is set to logic one, FPIN is set high to
mark the first synchronous payload envelope byte
position after the J0/Z0 bytes on PIN[7:0].
FPIN may also mark the third A2 byte as controlled
by FPPOS in SPECTRA-622 Line Configuration #2
register (0003H)
When PFPEN is set to logic zero, FPIN is ignored
and the SPECTRA-622 will frame to the incoming
data on PIN[7:0]. The SPECTRA-622 will frame to
the incoming data on PIN[7:0] regardless of the
byte alignment or frame alignment of the incoming
stream.
FPIN is sampled on the rising edge of PICLK.
OOF
Output
AH8
The out of frame (OOF) signal is high while the
SPECTRA-622 is out of frame. OOF is set low
while the SPECTRA-622 is in-frame. An out of
frame declaration occurs when four consecutive
errored framing patterns (A1 and A2 bytes) have
been received. OOF can be used to enable an
upstream framing pattern detector to search for the
framing pattern.
OOF is updated on the rising edge of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com