Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc PM5313 Datasheet HTML 100Page - PMC-Sierra, Inc PM5313 Datasheet HTML 101Page - PMC-Sierra, Inc PM5313 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
66
Pin Name
Pin
Type
PIN
No.
Function
TACK
Input
B27
The transmit alarm port clock (TACK) provides
timing for transmit alarm port. TACK is nominally a
12.96 MHz, 50% duty cycle clock.
Inputs TAD and TAFP are sampled on the rising
edge of TACK.
10.9 Drop and Transmit Path AIS Control Signals
Pin Name
Pin
Type
PIN
No.
Function
DPAISCK
Input
B12
The DROP bus path alarm indication clock signal
(DPAISCK) provides timing for system DROP side
path or DS3 AIS assertion.
DPAISCK is a clock of arbitrary phase and
frequency within the limits specified in the A.C.
Timing section of this document.
Inputs DPAIS and DPAISFP are sampled on the
rising edge of DPAISCK.
DPAISFP
Input
A12
The active high DROP bus path alarm indication
frame pulse signal (DPAISFP) marks the first path
or DS3 AIS assertion request for the DROP bus
SONET/SDH streams. DPAISFP is set high to mark
the path or DS3 AIS assertion request of the first
DROP bus STS-1 (STM-0/AU3) stream. It also
marks the path AIS assertion request of the first
DROP bus STS-3c (STM-1/AU4) stream or the
single DROP bus STS-12c (STM-4-4c) stream.
DPAISFP is sampled on the rising edge of
DPAISCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com