Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc PM5313 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
64
Pin Name
Pin
Type
PIN
No.
Function
TPOHEN
Input
D14
The transmit path overhead insert enable signal
(TPOHEN) indicates the availability of a valid path
overhead byte on TPOH.
TPOHEN shall be set high during the most
significant bit of a TPOH byte to indicate valid data
on the TPOH input. This byte will be accepted for
transmission if TPOHRDY is also set high. If
TPOHRDY is set low, the byte is rejected and must
be re-presented at the next opportunity.
Accepted bytes sampled on the TPOH input are
inserted into the corresponding path overhead byte
positions (for the J1, C2, G1, F2, Z3, Z4, and Z5
bytes). The byte on TPOH is ignored when
TPOHEN is set low during the most significant bit
position. The TPOHEN input takes precedence
over TAD.
When the byte at the B3 or H4 byte position on
TPOH is accepted, it is used as an error mask to
modify the corresponding transmit B3 or H4 path
overhead byte, respectively. The accepted error
mask is XOR’ed with the corresponding B3 or H4
byte before it is transmitted.
TPOHEN is sampled on the rising edge of the
TPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com