Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
62
Pin Name
Pin
Type
PIN
No.
Function
(mode 1 and mode 2) of the path trace identifier
framer of the corresponding STS-1 (STM-
0/AU3), STS-3c (STM-1/AU4) or STS-12c
(STM-4-4c) SONET/SDH stream. In mode 1,
TIU is set high when the current message
differs from its immediate predecessor for eight
consecutive frames. In mode 2, TIU is set high
when three consecutive 16 byte windows of
trace bytes are detected to have errors. TIU2 is
set low when the same trace byte is received in
forty-eight consecutive SONET/SDH frames.
• The receive path trace identifier mismatch (TIM-
P) status reports the match/mismatch status
(mode 1) of the path identifier message framer
of the corresponding STS-1 (STM-0/AU3),
STS-3c (STM-1/AU4) or STS-12c (STM-4-4c)
SONET/SDH stream. TIM-P is set high when
the accepted identifier message differs from the
expected message written by the
microprocessor.
Please refer to the individual alarm interrupt
descriptions and Functional Description Section for
more details on each alarm.
RSVD1
Input
A15
This pin must be connected to ground.
RSVD2
Input
A17
This pin must be connected to ground
RAD
Output
B26
The receive alarm port data signal (RAD) contains
the path BIP error count and the path remote alarm
indication status of the twelve receive STS-1
(STM-0/AU3) streams or the four STS-3/3c
(STM-1/AU3/AU4) streams or the single STS-12c
(STM-4-4c) stream.
RAD is updated on the falling edge of RPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com