Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
44
Pin Name
Type
Pin
No.
Function
RLD
Tristate
Output
D19
The receive line DCC (RLD) bit serial output signal
contains the received line data communication
channel (D4-D12).
RLD is updated on the falling edge of RLDCLK and
should be sampled externally on the rising edge of
RLDCLK.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped RLDCLK output clock and the RLD_TS
register bit that can be used to tri-state RLDCLK
and RLD outputs.
ROWCLK
Output
A20
The receive order wire clock (ROWCLK) is used to
update the received section orderwire, user channel
and line orderwire. (RSOW, RSUC and RLOW). A
smooth or gapped version of this clock may be
selected.
When selecting the smooth clock, ROWCLK is a 64
kHz clock with nominal 50% duty cycle.
When selecting the gapped clock, ROWCLK is a 64
kHz clock generated by gapping a 72 kHz clock.
In all cases, RSOW, RSUC and RLOW are updated
on the falling edge of ROWCLK. In gapped clock
mode, a gap detector on ROWCLK is needed to
identify the MSB on RSOW, RSUC and RLOW. A
edge detection of RFPO may also be used. In
smooth clock mode, RTOHFP may be sampled
high at the same time as the MSB on RSOW,
RSUC and RLOW.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped ROWCLK output clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com