Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
46
Pin Name
Type
Pin
No.
Function
ROHCLK
Tristate
Output
B21
The receive overhead clock (ROHCLK) is used to
update the received overhead (ROH) output. A
smooth or gapped version of this clock may be
selected.
When selecting the smooth clock and clocking the
section orderwire (E1), user channel (F1) or line
order wire (E2), ROHCLK is a 64 kHz clock with
nominal 50% duty cycle. When selecting to clock
the line APS bytes (K1/K2), ROHCLK is a 128 kHz
clock with nominal 50% duty cycle.
When selecting the gapped clock and clocking the
section orderwire (E1), user channel (F1) or line
order wire (E2), ROHCLK is a 64 kHz clock
generated by gapping a 72 kHz clock. When
selecting to clock the line APS bytes (K1/K2),
ROHCLK is a 128 kHz clock generated by gapping
a 144 kHz clock.
In all cases, ROH is updated on the falling edge of
ROHCLK. In gapped clock mode, a gap detector on
ROHCLK is needed to identify the MSB on ROH. A
edge detection of RFPO may also be used. In
smooth clock mode, RTOHFP may be sampled
high at the same time as the MSB on ROH.
The RTOC Overhead Control register contains the
ROHSEL[1:0] register bits used to select the
section orderwire, section user channel, line
orderwire or line APS bytes. The same register also
contains the RX_GAPSEL register bit used to select
the smooth or gapped ROHCLK output clock and
the ROH_TS register bit that can be used to tri-
state ROHCLK and ROH outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com