Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 61Page - PMC-Sierra, Inc PM5313 Datasheet HTML 62Page - PMC-Sierra, Inc PM5313 Datasheet HTML 63Page - PMC-Sierra, Inc PM5313 Datasheet HTML 64Page - PMC-Sierra, Inc PM5313 Datasheet HTML 65Page - PMC-Sierra, Inc PM5313 Datasheet HTML 66Page - PMC-Sierra, Inc PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
33
Pin Name
Type
Pin
No.
Function
TCLK
Output
AL7
The transmit byte clock (TCLK) output provides a
timing reference for the SPECTRA-622 transmit
functions.
TCLK is a nominally 77.76 MHz. When the parallel
line interface is enabled without the serial interface,
TCLK is a buffered version of TDCK. In all modes
where the serial line interface is enabled, TCLK is a
divide by eight version of the synthesized transmit
line clock.
TCLK has an arbitrary phase alignment with
respect to the synthesized serial 622.06 MHz
transmit clock.
The TCLK output can be disabled and held low by
programming the TCLKEN bit in the SPECTRA-622
Clock Control register.
TFP, TC1J1V1/TFPO, TPL, TDP and TD[7:0] are
updated on the rising edge of TCLK.
TFPI, TLRDI and TLAIS are sampled on the rising
edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com