Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 32Page - PMC-Sierra, Inc PM5313 Datasheet HTML 33Page - PMC-Sierra, Inc PM5313 Datasheet HTML 34Page - PMC-Sierra, Inc PM5313 Datasheet HTML 35Page - PMC-Sierra, Inc PM5313 Datasheet HTML 36Page - PMC-Sierra, Inc PM5313 Datasheet HTML 37Page - PMC-Sierra, Inc PM5313 Datasheet HTML 38Page - PMC-Sierra, Inc PM5313 Datasheet HTML 39Page - PMC-Sierra, Inc PM5313 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
4
• Extracts and serializes the entire path overhead from the twelve STS-1
(STM-0/AU3), four STS-3/3c (STM-1/AU3/AU4) or the single STS-12c
(STM-4-4c) receive streams. Inserts the path overhead bytes in the twelve
STS-1 (STM-0/AU3), four STS-3/3c (STM-1/AU3/AU4) or single STS-12c
(STM-4-4c) stream for the transmit stream. The path overhead bytes may be
sourced from internal registers or from bit serial path overhead input stream.
Path overhead insertion may also be disabled.
• Extracts the received path signal label (C2) byte into an internal register and
detects for path signal label unstable and for signal label mismatch with the
expected signal label that is downloaded by the microprocessor. Inserts the
path signal label (C2) byte from an internal register for the transmit stream.
• Extracts a 64 byte or 16 byte path trace (J1) message using an internal
register bank for the receive stream. Detects an unstable path trace message
or mismatch with an expected message, and inserts Path RAI upon either of
these conditions. Inserts a 64 byte or 16 byte path trace (J1) message using
an internal register bank for the transmit stream. Provides access to the
accepted message via the microprocessor port.
• Detects received path BIP-8 and counts received path BIP-8 errors for
performance monitoring purposes. BIP-8 errors are selectable to be treated
on a bit basis or block basis. Optionally calculates and inserts path BIP-8
error detection codes for the transmit stream.
• Counts received path remote error indications (REIs) for performance
monitoring purposes. Optionally inserts the path REI count into the path
status byte (G1) basis on bit or block BIP-8 errors detected in the receive
path. Reporting of BIP-8 errors is on a bit or block bases independent of the
accumulation of BIP-8 errors.
• Maintains the existing tributary multiframe sequence on the H4 byte until a
new phase alignment has been verified.
• Provides a serial alarm port communication of path REI and path RDI alarms
to the transmit stream of a mate SPECTRA-622 in the returning direction.
1.4
System Side Interfaces
• Supports Telecombus interfaces by indicating/accepting the location of the
STS identification byte (C1), optionally the path trace byte(s) (J1), optionally
the first tributary overhead byte(s) (V1), and all synchronous payload
envelope bytes in the byte serial stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com