Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
45
Pin Name
Type
Pin
No.
Function
RSOW
Output
B20
The receive section order wire (RSOW) bit serial
output signal contains the received section order
wire(E1).
RSOW is updated on the falling edge of ROWCLK
and should be externally sampled on the rising
edge of ROWCLK.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped ROWCLK output clock.
RSUC
Output
C20
The receive section user channel (RSUC) bit serial
output signal contains the received user channel
(F1).
RSUC is updated on the falling edge of ROWCLK
and should be externally sampled on the rising
edge of ROWCLK.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped ROWCLK output clock.
RLOW
Output
D20
The receive line order wire (RLOW) bit serial output
signal contains the received line order wire(E2).
RLOW is updated on the falling edge of ROWCLK
and should be externally sampled on the rising
edge of ROWCLK.
The RTOC Overhead Control register contains the
RX_GAPSEL register bit used to select the smooth
or gapped ROWCLK output clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com