Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 105 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 105 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 101Page - PMC-Sierra, Inc PM5313 Datasheet HTML 102Page - PMC-Sierra, Inc PM5313 Datasheet HTML 103Page - PMC-Sierra, Inc PM5313 Datasheet HTML 104Page - PMC-Sierra, Inc PM5313 Datasheet HTML 105Page - PMC-Sierra, Inc PM5313 Datasheet HTML 106Page - PMC-Sierra, Inc PM5313 Datasheet HTML 107Page - PMC-Sierra, Inc PM5313 Datasheet HTML 108Page - PMC-Sierra, Inc PM5313 Datasheet HTML 109Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
73
Pin Name
Pin
Type
PIN
No.
Function
DD[16]
DD[17]
DD[18]
DD[19]
DD[20]
DD[21]
DD[22]
DD[23]
Output
W27
Y31
Y30
Y29
Y28
Y27
AA30
AA29
In single DROP bus interface STS-12(STM-4)
mode, the DROP bus data (DD[23:16]) is forced
low. In quad bus interface STS-3(STM-1) mode, the
DROP bus data (DD[15:8]) contains the third TS-
3/3c (STM-1/AU3/AU4) received SONET/SDH
payload data. When the DROP bus TSI functionality
is disabled, the dropped payload corresponds to the
STS-3(STM-1) #3 of the received SONET/SDH
data. TSI may be used to reorder this multiplexing
on the drop bus. The transport overhead bytes, with
the exception of the H1, H2 pointer bytes, are set to
zeros. The fixed framing patterns for the A1 and A2
framing bytes may be inserted. The GEN_A1A2_EN
bit in the DPGM Generator Control #1 register
enables insertion of the A1 and A2 framing bytes.
The H4 byte may also be inserted. The fixed stuff
columns in a tributary mapped SPE (VC) may also
be optionally set to zero or NPI. The H4BYP and
CLRFS bits in the RTAL Control register control the
insertion of the H4 byte and the value of the fixed
stuff columns. DD[23] is the most significant bit
(corresponding to bit 1 of each serial word, the first
bit received). DD[16] is the least significant bit
(corresponding to bit 8 of each serial word, the last
bit received).
DD[23:16] is updated on the rising edge of DCK.
These outputs are forced low in DROP DS3
interface mode. The DROP interface mode is set via
the DMODE[1:0] input pins or the DMODE[1:0]
register bits in the SPECTRA-622 DROP Bus
Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com