Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 351 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 351 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 347Page - PMC-Sierra, Inc PM5313 Datasheet HTML 348Page - PMC-Sierra, Inc PM5313 Datasheet HTML 349Page - PMC-Sierra, Inc PM5313 Datasheet HTML 350Page - PMC-Sierra, Inc PM5313 Datasheet HTML 351Page - PMC-Sierra, Inc PM5313 Datasheet HTML 352Page - PMC-Sierra, Inc PM5313 Datasheet HTML 353Page - PMC-Sierra, Inc PM5313 Datasheet HTML 354Page - PMC-Sierra, Inc PM5313 Datasheet HTML 355Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
319
Register 0153H: RPOP Alarm Interrupt Enable (EXTD=0)
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
AU3LOPCONE
0
Bit 5
R/W
LOPE
0
Bit 4
R/W
AU3PAISCONE
0
Bit 3
R/W
PAISE
0
Bit 2
R/W
PRDIE
0
Bit 1
R/W
BIPEE
0
Bit 0
R/W
PREIE
0
This register allows interrupt generation to be enabled or disabled for alarm and
error events. This register can be accessed when the EXTD bit is set low in the
RPOP Pointer MSB register.
PREIE:
When a 1 is written to the PREIE interrupt enable bit position, the reception of
one or more path REIs will activate the interrupt (INTB) output.
BIPEE:
When a 1 is written to the BIPEE interrupt enable bit position, the detection of
one or more path BIP-8 errors will activate the interrupt (INTB) output.
PRDIE:
When a 1 is written to the PRDIE interrupt enable bit position, a change in the
path RDI state will activate the interrupt (INTB) output.
PAISE:
When a 1 is written to the PAISE interrupt enable bit position, a change in the
path AIS state will activate the interrupt (INTB) output.
AU3PAISCONE:
When a 1 is written to the AU3PAISCONE interrupt enable bit position, a
change in the AU3 concatenation path AIS state will activate the interrupt
(INTB) output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com