Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 357 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 357 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 353Page - PMC-Sierra, Inc PM5313 Datasheet HTML 354Page - PMC-Sierra, Inc PM5313 Datasheet HTML 355Page - PMC-Sierra, Inc PM5313 Datasheet HTML 356Page - PMC-Sierra, Inc PM5313 Datasheet HTML 357Page - PMC-Sierra, Inc PM5313 Datasheet HTML 358Page - PMC-Sierra, Inc PM5313 Datasheet HTML 359Page - PMC-Sierra, Inc PM5313 Datasheet HTML 360Page - PMC-Sierra, Inc PM5313 Datasheet HTML 361Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
325
Register 0156H: RPOP Pointer MSB
Bit
Type
Function
Default
Bit 7
R/W
NDFPOR
0
Bit 6
R/W
EXTD
0
Bit 5
R/W
RDI10
0
Bit 4
R
Reserved
X
Bit 3
R
S1
X
Bit 2
R
S0
X
Bit 1
R
PTR[9]
X
Bit 0
R
PTR[8]
X
This register reports the upper two bits of the active offset, the SS bits in the
receive pointer.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PTR[9:8]:
The PTR[9:8] bits contain the two MSBs of the current pointer value as
derived from the H1 and H2 bytes. Thus, to ensure reading a valid pointer, the
NDFI, NSEI and PSEI bits of the Pointer Interrupt Status register should be
read before and after reading this register to ensure that the pointer value did
not changed during the register read.
S0, S1:
The S0 and S1 bits contain the two S bits received in the last H1 byte. These
bits should be software debounced.
RDI10:
The RDI10 bit controls the filtering of the remote defect indication, the
auxiliary remote defect indication and the enhanced remote defect indication.
When RDI10 is set high, the RDI and ERDI status is updated when the same
value is received in the corresponding bit/bits of the G1 byte for 10
consecutive frames. When RDI10 is set low, the RDI and ERDI status is
updated when the same value is received for 5 consecutive frames.
EXTD:
The EXTD bit extends the RPOP registers to facilitate additional mapping. If
this bit is set to logic 1 the register mapping, for the RPOP Status and Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com