| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 25 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 25 Page - PMC-Sierra, Inc |
|
25 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 9 6 DESCRIPTION The PM7375 LASAR-155 Local ATM Segmentation and Reassembly & Physical Layer device is a monolithic integrated circuit that implements SONET/SDH transmission convergence, ATM cell mapping, ATM Adaptation Layer, and PCI Bus memory management functions for a 155.52 or 51.84 Mbit/s ATM User Network Interface. The LASAR-155 receives SONET/SDH frames via a bit serial interface, recovers clock and data, and processes section, line, and path overheads. It performs framing (A1, A2), descrambling, detects alarm conditions, and monitors section, line, and path bit interleaved parity (B1, B2, B3), accumulating error counts at each level for performance monitoring purposes. Line and path far end block error indications (Z2, G1) are also accumulated. The LASAR-155 interprets the received payload pointers (H1, H2) and extracts the synchronous payload envelope which carries the received ATM cell payload. The LASAR-155 frames to the ATM payload using cell delineation. Payload descrambling, HEC single bit error correction, cell filtering based on HEC errors and idle/unassigned cell filtering is provided. The Generic Flow Control (GFC) field is extracted from all received cell headers and serialized out a dedicated port. Counts of received ATM cell headers that are in error and uncorrectable, cell headers that are errored and correctable and all passed cells are accumulated independently for performance monitoring purposes. The LASAR-155 supports the simultaneous reassembly and Common Part Convergence Sublayer (CPCS) processing for 128 open Virtual Circuits (VCs). All receive VC parameters are stored locally in the LASAR-155 device to reduce overhead traffic on the PCI Host bus. The LASAR-155 takes all received error free cells and passes or blocks the cell based on an open VC. Passed cells are treated as management, control or user cells. Management and control cell payloads are optionally checked with a CRC-10 polynomial and are optionally DMA'd to receive ready queues in packet memory. User cells are associated with an open VC and DMA'd to reassembly queues in packet memory. Once a packet is reassembled and verified using a CRC-32 polynomial, the entire packet is linked into a receive ready queue. The LASAR-155 alerts the PCI Host that there are reassembled packets or cells in a receive ready queue by asserting an interrupt on the PCI bus. All transmit VC parameters are stored in an internal transmit parameter table to reduce overhead traffic on the PCI bus. After a PCI Host sets up a connection using the transmit parameter table, the PCI Host can provide packets to transmit using a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |