Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 94Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 95Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 96Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 97Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 98Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 99Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 100Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 101Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Status [10:0]
The Status field is used by the LASAR-155 to indicate
the status of the received packet. Below are the Status
field bit definitions. When the bit is logic 1, the packet
has experienced the indicated condition.
Status[0] -
cell of packet experienced congestion.
One or more cells of received packet
contained a cell with PTI value 010 or
011.
Status[1] -
cell of packet has, CLP=1.
Status[2] -
CPAAL5_PDU Oversize error. Packet
received exceeds maximum size
programmed in the RALP Max Rx PDU
Length register (0x83).
Status[3] -
Unused.
Status[4] -
CPAAL5_PDU UU field non zero.
Status[5] -
CPAAL5_PDU CPI field non zero.
Status[6] -
CPAAL5_PDU LENGTH field zero.
Status[7] -
CPAAL5_PDU CRC-32 error.
Status[8] -
CPAAL5_SDU length error. Packet
received contains a length field that does
not equal the received length.
Status[9] -
Reserved
Status[10] - Unused.
Note: for multiple RPD packets, only the first RPD's
Status field is valid. All other RPD Status fields of the
linked list are invalid and should be ignored.
RVC[6:0]
The Receive Virtual Connection Code (RVC[6:0]) bits
are used by the LASAR-155 to indicate which VC a RPD
is associated with. The RVC bits are constructed from N
(where N=0,1,2) bits of the Virtual Path Identifier (VPI)
and M (where M=7,6,5) bits of the Virtual Channel
Identifier. Selection of M and N are made using a COPS
register.
Note: for multiple RPD packets, only the first RPD's RVC
field is valid. All other RPD RVC fields of the linked list
are invalid and should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com