Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 47Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 48Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 49Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 50Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 51Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 52Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 53Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
8.5
Miscellaneous Interface Signals (77)
Pin
Name
Type
Pin
No.
Feature
SYSCLK
Input
81
The system clock (SYSCLK) provides timing for the
LASAR-155's Adaptation Layer hardware. SYSCLK
should be nominally a 50% duty cycle 25 MHz to 33
MHz clock.
RSTB
Input
124
The active low reset (RSTB) signal provides an
asynchronous LASAR-155 reset. RSTB is a Schmitt
triggered input with an integral pull up resistor. When
RSTB is forced low, all LASAR-155 registers are forced
to their default states. In addition, all digital output pins
with the exception of TDO are forced tri-state. Digital
outputs remain tri-stated until RSTB is forced high.
TCK
Input
72
The test clock (TCK) signal provides timing for test
operations that can be carried out using the IEEE
P1149.1 test access port.
TMS
Input
73
The test mode select (TMS) signal controls the test
operations that can be carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull up
resistor.
TDI
Input
71
When the LASAR-155 is configured for JTAG
operation, the test data input (TDI) signal carries test
data into the LASAR-155 via the IEEE P1149.1 test
access port. TDI is sampled on the rising edge of TCK.
TDI has an integral pull up resistor.
TDO
Tristate
70
The test data output (TDO) signal carries test data out
of the LASAR-155 via the IEEE P1149.1 test access
port. TDO is updated on the falling edge of TCK. TDO
is a tri-state output which is inactive except when
scanning of data is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com