Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 66 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 66 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 64Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 70Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
50
9.5
Connection Parameter Store
The Connection Parameter Store (COPS) block provides the internal VC parameter
storage for both the 128 receive VCs and 128 transmit VCs. The COPS block
provides VC parameter access to the RALP, TATS and TALP blocks. In addition,
indirect access to the parameter memory space is also provided to the
microprocessor and PCI Host.
9.6
SAR Performance Monitor
The SAR Performance Monitor (SAR PMON) block interfaces directly to the RALP
and PCID blocks and accumulates the following statistics:
-
ATM Cell unprovisioned VPI/VCI errors
-
ATM Cell CRC-10 errors
-
Receive CPAAL5_PDU Invalid Common Part Indicator errors
-
Receive CPAAL5_PDU Invalid SDU Length errors
-
Receive CPAAL5_PDU CRC-32 errors
-
Receive CPAAL5_PDU Oversize PDU errors
-
Receive CPAAL5_PDU Abort errors
-
Receive CPAAL5_PDU Count
-
Receive Buffer errors
-
Transmit CPAAL5_PDU Oversize SDU errors
-
Transmit CPAAL5_PDU Count
Counts are accumulated in saturating counters. ATM Cell counters are sized such
that they can be polled once per second. Packet registers are sized such that they
can be polled once per second given that every CPAAL5_PDU is in error and the
average packet size is 8 cells. If CPAAL5_PDU characteristics are different and
exact CPAAL5_PDU counts must be maintained, the user must poll every 125 ms.
When the RACP block declared loss of cell delineation (LCD), no receive statistics
are accumulated.
The user can indicate the end of an accumulation interval by writing to the
LASAR-155 Master Reset / Load Meters register. The write will transfer the current
counter values into visible registers and will reset the counters to begin
accumulating error events for the next interval. Writing to the LASAR-155 Master
Reset / Load Meters register initiates transfers for all counters in all blocks (i.e.
RSOP, RLOP, RPOP, RACP, TACP and SAR PMON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com