Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 74Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 75Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 76Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 77Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 78Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 79Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 80Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 81Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
9.14.2 Transmit Request Machine
The transmit DMA channels are controlled using the Transmit Request Machine
(TRM). The TRM receives segmentation requests from the TATS block, retrieves
packet bytes using the PCI Interface and provides the bytes to the TALP block for
inclusion into cells. All transmit DMA data transfer actions are performed with
minimum PCI Host interaction with the aid of internal per VC storage.
PCI Host communication is provided using Transmit Descriptors (TD), a Transmit
Descriptor Reference Free (TDRF) Queue and a Transmit Descriptor Reference
Ready (TDRR) High and Low priority Queues. All four data structures are found in
the PCI Host memory space and are referenced using LASAR-155 registers. A TD
is a thirty-two byte data structure which can be used by the PCI Host to describe a
packet or a portion of a packet. The TD data structure is fully described below in the
Transmit Descriptor Section.
9.14.3 Transmit Descriptor Table
Each TD resides in the Transmit Descriptor Table in the PCI Host memory. The
Transmit Descriptor Table can contain a maximum of 16384 TDs. The based of the
Transmit Descriptor Table is user programmable using the PCID Transmit
Descriptor Table Base (TDTB) register. As shown below, each TD can be located
using a Transmit Descriptor Reference (TDR) combined with the TDTB register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com