Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 22Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 23Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 24Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 25Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 26Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 27Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 28Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 29Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
high or low priority ready queue. The LASAR-155 automatically appends the AAL-5
trailer, segments the packet and subjects the cells to either peak cell rate or
sustainable cell rate enforcement.
The LASAR-155 generates most of a cell's header using the transmit parameter
table. The generic flow control (GFC) bits may optionally be inserted using a
dedicated serial port. The header error code (HEC) is automatically calculated and
inserted. The cell payload is optionally scrambled. Generated transmit cells are
automatically inserted into a STS-3c (STM-1) or STS-1 SONET/SDH Synchronous
Payload Envelope (SPE). In the absence of transmit cells, the LASAR-155
automatically inserts Idle/unassigned cells into the SPE.
The LASAR-155 transmits SONET/SDH frames, via a bit serial interface, and
formats SONET section, line, and path overhead appropriately. It performs framing
pattern insertion (A1, A2), scrambling, alarm signal insertion, and creates section,
line, and path bit interleaved parity (B1, B2, B3) as required to allow performance
monitoring at the far end. Line and path far end block error indications (Z2, G1) are
also inserted. The LASAR-155 generates the payload pointer (H1, H2) and inserts
the synchronous payload envelope which carries the ATM cell payload.
For system diagnostics, the LASAR-155 supports the insertion of a variety of errors
into the transmit stream, such as framing pattern errors, bit interleaved parity errors
and illegal pointers.
No auxiliary line clocks are required directly by the LASAR-155 as it is capable of
synthesizing the line rate transmit clock and recovering the receive clock using
either a 19.44 MHz or 6.48 MHz reference clock. The LASAR-155 is configured,
controlled and monitored via either the generic microprocessor port interface in
slave mode or the PCI bus interface in master mode. In slave mode, a mailbox
scheme with shared buffers is provided for communication between the
microprocessor and PCI Host.
The LASAR-155 can interface with external devices when the generic
microprocessor port interface is configured for master mode operation. In this mode
the PCI Host configures, controls and monitors the LASAR-155 and the external
devices.
The LASAR-155 is implemented in low power, 0.6 micron, +5 Volt CMOS
technology. It has TTL and pseudo ECL (PECL) compatible inputs and outputs and
is packaged in a 208 pin copper slugged plastic QFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com