Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 31 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 31 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 27Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 28Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 29Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
15
RCP/
RLDCLK
Output
110
The RCP/RLDCLK output is a dual function output
controlled using the UNI_POTS bit in the LASAR-155
Master Configuration register.
When the UNI_POTS bit is low, the receive cell pulse
(RCP) indicates the location of the four GFC bits in the
RGFC serial stream. RCP is coincident with the most
significant GFC bit. RCP is updated on the rising edge
of RCLK.
When the UNI_POTS bit is high, the receive line DCC
clock (RLDCLK) is a 576 kHz clock used to update the
RLD output. RLDCLK is generated by gapping a
2.16 MHz clock.
TGFC/TLD
Input
113
The TGFC/TLD input is a dual function input controlled
using the UNI_POTS bit in the LASAR-155 Master
Configuration register.
When the UNI_POTS bit is low, the transmit generic
flow control (TGFC) input provides the ability to insert
the GFC value. The four TCLK periods following the
TCP output pulse contain the GFC value to be
inserted into the current cell. The GFC enable bits of
the TACP Configuration register enable the insertion of
each serial bit. TGFC is sampled on the rising edge of
TCLK.
When the UNI_POTS bit is high, the transmit line
DCC (TLD) signal contains the serial line data
communications channel (D4 - D12). TLD is sampled
on the rising edge of TLDCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com