Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 36Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 37Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
TSOC
I/O
90
The transmit start of cell (TSOC) signal's function is
configured using input TXPHYBP.
When TXPHYBP is set high, TSOC becomes an output
and is expected to mark the start of cell on the
TDAT[7:0] bus. For this mode of operation, TSOC is
updated on the rising edge of SYSCLK.
When TXPHYBP is set low, TSOC becomes an input
and marks the start of cell on the TDAT[7:0] bus. When
TSOC is high, the first octet of the cell is present on
the TDAT[7:0] bus. It is not necessary for TSOC to be
present at each cell. An interrupt may be generated if
TSOC is high during any word other than the first word
of the selected data structure. For this mode of
operation, TSOC is sampled using the rising edge of
SYSCLK.
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
I/O
89
88
87
86
85
84
77
76
The transmit cell data (TDAT[7:0]) bus' function is
configured using input TXPHYBP.
When TXPHYBP is set high, the TDAT[7:0] signals
become outputs and carry the ATM cell octets that are
written to a FIFO associated with an external physical
layer device. For this mode of operation, TDAT[7:0] is
updated on the rising edge of SYSCLK.
When TXPHYBP is set low, the TDAT[7:0] signals
become inputs and carry the ATM cell octets that are
read from an external FIFO. For this mode of
operation, TDAT[7:0] is sampled using the rising edge
of SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com