Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 95Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 96Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 97Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 98Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 99Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 100Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 101Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 102Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
83
Receive Buffer
Size [15:0]
The Receive Buffer Size bits indicate the size in bytes of
the current RPD's data buffer. This field must be
configured by the PCI Host during initialization.
Note, Receive Buffer Sizes must be an integer multiple
of four. Non integer multiples are not supported. In
addition, the minimum buffer size supported is forty-
eight bytes.
Bytes in Buffer [15:0]
The Bytes in Buffer bits indicate the number of bytes
actually used in the current RPD's packet buffer to store
packet data.
Data Buffer Start
Address[31:0]
The Data Buffer Start Address bits are used as a pointer
to the packet buffer of the current RPD into PCI Host
memory.
Note, Receive Buffers must be DWORD aligned. For
example, Data Buffer Start Address[1:0] is expected to
be set to 00 binary.
CPAAL5_PDU
UU [7:0]
The CPAAL5_PDU UU byte is the received User to User
byte of the CPCS AAL Type 5 Protocol Data Unit
associated with the current packet.
Note: for multiple RPD packets, only the first RPD's
CPAAL5_PDU UU field is valid. All other RPD
CPAAL5_PDU UU fields of the linked list are invalid and
should be ignored.
CPAAL5_PDU
CPI [7:0]
The CPAAL5_PDU CPI byte is the received Common
Part Indicator byte of the CPCS AAL Type 5 Protocol
Data Unit associated with the current packet.
Note: for multiple RPD packets, only the first RPD's
CPAAL5_PDU CPI field is valid. All other RPD
CPAAL5_PDU CPI fields of the linked list are invalid and
should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com