Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 99Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 100Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 101Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 102Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 103Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 104Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 105Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 106Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
87
9.14.11
Receive Management Queues
RMDRs pointing to free RMD are passed from the PCI Host to the RRM using the
Receive Management Descriptor Reference Free (RMDRF) Queue. In order to take
advantage of burst PCI transfers, the RRM reads up to six RMDs from the RMDRF
Queue and stores them locally. The RRM uses a free RMD to store OAM, Signaling
and Control cells to pass to the PCI Host using the Receive Management Descriptor
Reference Ready (RMDRR) Queue.
Both Queues reside in PCI Host memory and are defined using a common base
pointer residing in the PCID Receive Queue Base register and eight offset pointers,
four per queue. For each queue, two pointers are required to define the start and
the end of a queue while two pointers are required for the current write and read
locations within the queue. The read pointer always points to the last location read
while the write pointer always points to the next location to be written.
A full condition for the queues is defined as the read and the write pointers being
equal. An empty condition is defined as the read pointer being one less then the
write pointer. The last location in a queue is not considered as part of the queue
and thus is not a valid entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com