Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 103Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 104Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 105Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 106Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 107Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 108Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 109Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 110Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
91
9.15
Microprocessor Interface
The microprocessor interface is provided for device configuration, control and
monitoring by an external local microprocessor. For applications where local
microprocessor control is not required and all device operations are performed by
the PCI Host, the microprocessor interface allows the PCI Host access the
LASAR-155 Local Bus.
When the interface is configured for slave mode operation, normal mode registers,
test mode registers and the micro/PCI Host mailbox can be accessed through this
port. Normal mode registers are required for normal operation, test mode registers
are used to enhance the testability of the LASAR-155 and the micro/PCI Host
mailbox allows communication between the microprocessor and PCI Host without
external support devices.
When the interface is configured for master mode operation, the PCI Host can
access the LASAR-155 Local Bus. The LASAR-155 Local Bus supports up to two
devices without requiring any external logic.
9.16
Microprocessor and PCI Host Normal Mode Register Memory Map
The LASAR-155 supports three different normal mode register types. The register
types can be distinguished by their master. The register types are defined below:
1) Microprocessor Only Access registers (MO) - these registers can only be
accessed through the microprocessor interface and cannot be accessed
through the PCI port.
2) PCI Host Only Access registers (PO) - these registers can only be accessed
through the PCI Host interface and cannot be accessed directly using the
microprocessor interface. However, indirect access via the microprocessor
interface is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com