Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 108 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 108 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 104Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 105Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 106Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 107Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 108Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 109Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 110Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 111Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 112Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
92
3) Selectable Master registers (SM) - these registers can be accessed by either
the PCI Host or the microprocessor at any given moment as configured by
input, MPENB. Input MPENB must be set when the device is powered up.
When these registers are accessed by the PCI Host, it must be on double
word boundaries.
The register map for the PCI Host interface and the microprocessor interface is
shown below. The first column indicates the type of register as detailed above. The
second column contains the microprocessor addresses of the register if the register
can be accessed using the interface. The third column contains the PCI interface
DWORD address of the register if the register can be accessed using the interface.
The PCI index address must be combined with a base address to form the PCI
Interface address. The base address can be found in the LASAR-155 Memory
Base Address register in the PCI Configuration memory space. The fourth column
contains the name of the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com