Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 54 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 54 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 50Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 51Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 52Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 53Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 57Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 58Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
TXVSS
Ground
128
The transmit pad ground (TXVSS) is the return path for
the TXC and TXD+/- outputs. TXVSS is physically
isolated from the other device ground pins and should
be clean to minimize the noise coupled into the
transmit stream.
TAVD1
Power
115
The power (TAVD1) pin for the transmit clock
synthesizer reference circuitry. TAVD1 should be
connected to a clean, well decoupled, +5V supply.
TAVS1
Ground
116
The ground (TAVS1) pin for the transmit clock
synthesizer reference circuitry. TAVS1 should be
connected to a clean ground reference.
TAVD2
Power
117
The power (TAVD2) pin for the transmit clock
synthesizer oscillator. TAVD2 should be connected to a
clean, well decoupled, +5V supply.
TAVS2
Ground
118
The ground (TAVS2) pin for the transmit clock
synthesizer oscillator. TAVS2 should be connected to a
clean ground reference.
TAVD3
Power
119
The power (TAVD3) pin for the transmit reference clock
(TRCLK+/-) inputs. TAVD3 should be connected to a
clean, well decoupled, +5V supply.
TAVS3
Ground
122
The ground (TAVS3) pin for the transmit reference
clock (TRCLK+/-) inputs. TAVS3 should be connected
to a clean ground reference.
RAVD1
Power
145
The power (RAVD1) pin for receive clock and data
recovery block reference circuitry. RAVD1 should be
connected to a clean, well decoupled, +5V supply.
RAVS1
Ground
151
The ground (RAVS1) pin for receive clock and data
recovery block reference circuitry. RAVS1 should be
connected to a clean ground reference.
RAVD2
Power
150
The power (RAVD2) pin for receive clock and data
recovery block active loop filter and oscillator. RAVD2
should be connected to a clean, well decoupled, +5V
supply.
RAVS2
Ground
146
The ground (RAVS2) pin for receive clock and data
recovery block active loop filter and oscillator. RAVS2
should be connected to a clean ground reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com